PART |
Description |
Maker |
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
IXSH45N120B IXSH45B120B IXST45B120B |
High Voltage IGBT S Series - Improved SCSOA Capability IGBT Discretes: Low Saturation Voltage Types High Voltage IGBT(VCES200V,VCE(sat).0V的高电压绝缘栅双极晶体管) 75 A, 1200 V, N-CHANNEL IGBT, TO-247AD 1200V high voltage IGBT
|
IXYS Corporation IXYS, Corp.
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
2SC4636LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
SA5-0A-D |
The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients
|
Littelfuse
|
2SC5466 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE. DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING AND HIGH VOLTAGE AMPLIFIER APPLICATIONS.
|
TOSHIBA
|
2N6671 2N6672 2N6673 |
HIGH VOLTAGE NPN TYPES FOR OFF LINE POWER SUPPLIES AND OTHER HIGH VOLTAGE SWITCHING APPLICATIONS
|
List of Unclassifed Man... ETC[ETC]
|
PS2703-1-F3-A PS2703-1-F3-K-A PS2703-1-F3-L-A PS27 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
Duracell California Eastern Labs
|
FJP3305H1 FJP3305H1TU FJP3305H2 FJP3305H2TU |
High Voltage Fast-Switching NPN Power Transistor High Voltage Capability
|
Fairchild Semiconductor
|